PART |
Description |
Maker |
LT1638 LT1638CMS8 LT1638CN8 LT1638CS8 LT1638IN8 LT |
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDSO8 1.2MHz/ 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MIC7211 MIC7211BM5 MIC7221BM5 MIC7221 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN IttyBitty Rail-to-Rail Input Comparator(IttyBitty技术满幅度输入比较 IttyBitty Rail-to-Rail Input Comparator Preliminary Information IttyBitty⑩ Rail-to-Rail Input Comparator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
OA2NP34S OA4NP OA1NP OA1NP22C OA4NP33Q |
Rail-to-rail input and output Low power, rail-to-rail input and output, CMOS single op amp Low power, rail-to-rail input and output, CMOS quad op amp Low power, rail-to-rail input and output, CMOS dual op amp
|
STMicroelectronics ST Microelectronics
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
ISL28256 ISL28256FAZ-T7 ISL28156FHZ-T7 ISL28156FBZ |
39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
http:// Intersil Corporation
|
LT1884 LT1884ACN8 LT1884ACS8 LT1884AIN8 LT1884AIS8 |
Dual/Quad Rail-to-Rail Output/ Picoamp Input Precision Op Amps From old datasheet system Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 125 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDIP8
|
LINER[Linear Technology] Linear Technology, Corp.
|
LT1800CS5PBF LT1800-15 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp.
|
AD8609ARUZ AD8609ARZ-REEL AD8609ARZ AD8609ARUZ-REE |
Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Quad MicroPower Rail-to-Rail Input/Output Amplifier
|
Analog Devices
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|